Part Number Hot Search : 
KBPC351 2SC4331 F1G64 256AL VMC1353A CY7C13 TISP314 10N65B
Product Description
Full Text Search
 

To Download MRA051050H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRA0510-50H/D
The RF Line
UHF Power Transistor
Designed primarily for wideband, large-signal output and driver amplifier stages in the 500 to 1000 MHz frequency range. * Designed for Class AB Linear Power Amplifiers * Specified 28 Volt, 1000 MHz Characteristics: Output Power -- 50 Watts Power Gain -- 7 dB (Min), Class AB * Built-In Matching Network for Broadband Operation * Gold Metallization for Improved Reliability * Diffused Ballast Resistors * Hermetic Package for Military/Space Applications
MRA0510-50H
7.0 dB, 500 - 1000 MHz 50 W BROADBAND UHF POWER TRANSISTOR
CASE 391-03, STYLE 1 (HLP-42)
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Total Device Dissipation @ TC = 25C Derate above 25C Operating Junction Temperature Storage Temperature Range Symbol VCEO VCBO VEBO PD TJ Tstg Value 30 60 4 125 0.715 200 - 65 to +200 Unit Vdc Vdc Vdc Watts W/C C C
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, RF, Junction to Case (TC = 70C) Symbol RJC Max 1.4 Unit C/W
ELECTRICAL CHARACTERISTICS
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS (1)
Collector-Emitter Breakdown Voltage (IC = 25 mA, VBE = 0) Collector-Base Breakdown Voltage (IC = 25 mA, IE = 0) Emitter-Base Breakdown Voltage (IE = 5 mA, IC = 0) Collector-Emitter Breakdown Voltage (IC = 25 mA, RBE = 1 ) Collector Cutoff Current (VCB = 30 V, IE = 0) (1) Each transistor chip measured separately. V(BR)CES V(BR)CBO V(BR)EBO V(BR)CER ICBO 60 60 4 50 - - - - - - - - - - 25 Vdc Vdc Vdc Vdc mAdc (continued)
REV 1
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1997
MRA0510-50H 1
ELECTRICAL CHARACTERISTICS -- continued
Characteristic Symbol Min Typ Max Unit
ON CHARACTERISTICS (1)
DC Current Gain (IC = 1 A, VCE = 5 V) hFE 20 - 80 -
DYNAMIC CHARACTERISTICS (1)
Output Capacitance (VCB = 28 V, IE = 0, f = 1 MHz) Cob - - 24 pF
FUNCTIONAL TESTS (2)
Common-Emitter Amplifier Power Gain (VCE = 28 V, Pout = 50 W, f = 1 GHz, ICQ = 2 x 120 mA) Load Mismatch (VCE = 28 V, ICQ = 2 x 120 mA, Pout = 50 W, f = 1 GHz, Load VSWR = 5:1, All Phase Angles) Broadband Power Gain (VCE = 28 V, Pout = 45 W, f = 500 mHz and 1 GHz, ICQ = 2 x 120 mA) (1) Each transistor chip measured separately. (2) Both transistor chips operating in push-pull amplifier. GPE1 No Degradation in Output Power GPE2 6.5 - - dB 7 - - dB
TYPICAL CHARACTERISTICS
Z OL*, SERIES OUTPUT IMPEDANCE (OHMS) 12 Z in, SERIES INPUT IMPEDANCE (OHMS) 10 8.0 6.0 4.0 R 2.0 0 500 VCC = 28 V Po = 50 W ONE SIDE ONLY JX 6.0 5.0 R 4.0 3.0 2.0 1.0 0 600 700 800 f, FREQUENCY (MHz) 900 1000 JX VCC = 28 V Po = 50 W ONE SIDE ONLY
600
700 800 f, FREQUENCY (MHz)
900
1000
-1.0 500
Figure 1. Input Impedance versus Frequency
Figure 2. Output Impedance versus Frequency
MRA0510-50H 2
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
-A- U
1 2
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.895 0.905 0.380 0.390 0.172 0.208 0.075 0.085 0.055 0.065 0.075 0.085 0.115 0.125 0.003 0.006 0.393 0.403 0.123 0.133 0.705 0.745 0.650 BSC 0.393 0.403 MILLIMETERS MIN MAX 22.73 22.99 9.65 9.91 4.37 5.28 1.91 2.16 1.40 1.65 1.91 2.16 2.92 3.18 0.08 0.15 9.98 10.24 3.13 3.38 17.91 18.92 16.51 BSC 9.98 10.24
S -B-
5
V
3
4
0.25 (0.010)
M
Q 2 PL TAM B J H
G
M
D N E C -T-
SEATING PLANE
DIM A B C D E G H J N Q S U V
STYLE 1: PIN 1. 2. 3. 4. 5.
COLLECTOR COLLECTOR BASE BASE EMITTER
CASE 391-03 ISSUE C
MOTOROLA RF DEVICE DATA
MRA0510-50H 3
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax INTERNET: http://motorola.com/sps
MRA0510-50H 4
MRA0510-50H/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MRA051050H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X